Electronic Components Datasheet Search
  English  ▼

X  

1698172 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1698172
Description  ECM-UC-100A-UI-REL - Current measuring transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698172 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1698172 Datasheet HTML 1Page - PHOENIX CONTACT 1698172 Datasheet HTML 2Page - PHOENIX CONTACT 1698172 Datasheet HTML 3Page - PHOENIX CONTACT 1698172 Datasheet HTML 4Page - PHOENIX CONTACT 1698172 Datasheet HTML 5Page - PHOENIX CONTACT 1698172 Datasheet HTML 6Page - PHOENIX CONTACT 1698172 Datasheet HTML 7Page - PHOENIX CONTACT 1698172 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Current measuring transducers for measuring AC, DC, and distorted currents. Configuration via
USB-C interface via the web server (without 24 V DC). Current measuring ranges: 0 A ... 125 A.
Relay output, Standard configuration, Push-in connection
Commercial data
Item number
1698172
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
C444
Product key
CMMA34
GTIN
4067923263055
Weight per piece (including packing)
160.4 g
Weight per piece (excluding packing)
113.5 g
Customs tariff number
85043129
Country of origin
DE
ECM-UC-100A-UI-REL - Current measuring transducer
1698172
https://www.phoenixcontact.com/us/products/1698172
Mar 24, 2026, 12:22AM
Page 1 (8)


Similar Part No. - 1698172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1698178 PHOENIX-1698178 Datasheet
196Kb / 7P
SACB-8/ 8-L-C GG
More results

Similar Description - 1698172

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
MCR-TC-UI-NC PHOENIX-MCR-TC-UI-NC Datasheet
92Kb / 5P
Thermocouple measuring transducer
2813499 PHOENIX-2813499 Datasheet
167Kb / 3P
Current Measuring Transducer for Sinusoidal and Non-Sinusoidal Alternating Currents
2864286 PHOENIX-2864286 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-SL-PT100-UI-SP-NC
2902016 PHOENIX-2902016 Datasheet
91Kb / 5P
Resistance/potiposition transducer - MINI MCR-2-POT-UI
2902033 PHOENIX-2902033 Datasheet
95Kb / 5P
Limit value switches - MINI MCR-2-UI-REL
2902035 PHOENIX-2902035 Datasheet
74Kb / 4P
Limit value switches - MINI MCR-2-UI-REL-PT
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2902851 PHOENIX-2902851 Datasheet
102Kb / 7P
Thermocouple measuring transducer - MINI MCR-TC-UI-NC
logo
ZIEHL industrie-elektro...
MU2000K ZIEHL-MU2000K Datasheet
329Kb / 1P
Universal-Measuring-Transducer MU2000K AC and DC, Voltage and Current
logo
PHOENIX CONTACT
2902832 PHOENIX-2902832 Datasheet
133Kb / 9P
Frequency transducer - MINI MCR-SL-F-UI-NC
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com