Electronic Components Datasheet Search
  English  ▼

X  

1698172 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1698172
Description  ECM-UC-100A-UI-REL - Current measuring transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1698172 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1698172 Datasheet HTML 1Page - PHOENIX CONTACT 1698172 Datasheet HTML 2Page - PHOENIX CONTACT 1698172 Datasheet HTML 3Page - PHOENIX CONTACT 1698172 Datasheet HTML 4Page - PHOENIX CONTACT 1698172 Datasheet HTML 5Page - PHOENIX CONTACT 1698172 Datasheet HTML 6Page - PHOENIX CONTACT 1698172 Datasheet HTML 7Page - PHOENIX CONTACT 1698172 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Connection method
Push-in connection
Stripping length
10 mm
Conductor cross-section rigid
0.2 mm² ... 2.5 mm²
Conductor cross-section flexible
0.2 mm² ... 2.5 mm²
Conductor cross-section AWG
24 ... 13
Circular conductor
Conductor cross-section rigid
25 mm²
Conductor cross-section AWG
3
Interfaces
WBM
Designation
WBM: Default address, USB-C interface
IP address
192.168.128.1
Dimensions
Item dimensions
Width
22.6 mm
Height
106.7 mm
Depth
113.8 mm
Depth (Device depth (DIN rail mounting))
114.5 mm (Snapped onto DIN rail NS 35/7,5 in accordance with
EN 60715)
Circular conductor
Diameter
11 mm
Material specifications
Color
gray (RAL 7042)
Flammability rating according to UL 94
V0 (Housing)
Housing material
PA 6.6-FR
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
-40 °C ... 60 °C
Ambient temperature (operation)
-40 °F ... 140 °F
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
≤ 4000 m
Permissible humidity (operation)
≤ 95 % (non-condensing)
Approvals
CE
Certificate
CE-compliant
ECM-UC-100A-UI-REL - Current measuring transducer
1698172
https://www.phoenixcontact.com/us/products/1698172
Mar 24, 2026, 12:22AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com