Electronic Components Datasheet Search
  English  ▼

X  

PI90LV024 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LV024
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LV024 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
5
PS8486B
08/19/04
Receiver / Driver Electrical Characteristics Over Recommended Operating Conditions
(unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VOD
Differential Output Voltage Magnitude
RL = 100Ω
(LV024)
See Fig. 3
247
440
590
mV
∆VOD
Change in Differential Output Voltage Mag-
nitude between Logic States
-50
50
VOC(SS)
Steady-State Common-Mode Output Voltage
RL = 100Ω
(LVB024)
See Fig. 4
1.062
1.375
V
∆VOC(SS) Change in Steady-State Common-Mode
Output Voltage between Logic States
-50
3
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
150
ICC
Supply Current
No Load
16
24
mA
RL = 100Ω (LV024)
26
40
RL = 50Ω (LVB024)
42
54
Both Channels Disabled
6
12
IH
High-Level Input Current
DE
VIH = 5V
40
nA
S1, S2, S3, S4
-3
µA
IL
Low-Level Input Current
DE
VIL = 0.8V
-20
nA
S1, S2, S3, S4
10
µA
IOS
Short Circuit Output Current
VOY or VOZ = 0V
-10
mA
VOD = 0V
-10
IOZ
High-Impedance Output Current
VOD = 600mV
1.5
±25
nA
VO - 0V or VCC
1.5
±25
IO(OFF)
Power-Off Output Current
VCC - 0V, VO = 3.6V
1.5
±40
CIN
Input Capacitance
3
pF
S0 - S3, 1DE - 4DE
8
Note:
1. All typical values are at 25°C and with a 3.3V supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com