Electronic Components Datasheet Search
  English  ▼

X  

PI90LV024 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LV024
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LV024 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PS8486B
08/19/04
Features
• Dual 2x2 Crosspoint/Repeater Switch
• Meets or Exceeds the Requirements of ANSI TIA/
EIA-644-1995
• Designed for Signaling Rates up to 650 Mbit/s (325 MHz)
• Operates from a 3.3V Supply: –40°C to 85°C
• Low Voltage Differential Signaling with Output Voltages
of ±350mV into:
– 100Ω load (PI90LV024)
– 50Ω load Bus LVDS Signaling (PI90LVB024)
• Accepts ±350mV differential inputs
• Wide common mode input range: 0.2V to 2.7V
• Output drivers are high impedance when disabled or when
VCC ≤ 1.5V
• Inputs are open, short, and terminated fail safe
• Propagation Delay Time: 3.5ns
• ESD protection is 10kV on bus pins
• Bus Pins are High Impedance when disabled or with
VCC less than 1.5V
• TTL Inputs are 5V Tolerant
• Power Dissipation at 400Mbit/s of 250mW
• Packaging (Pb-free & Green Available):
– 28-pin QSOP (Q)
– 28-pin TSSOP (L)
Description
The PI90LV024 and PI90LVB024 are monolithic dual 2x2
asynchronous crosspoint/repeater switches. The crosspoint func-
tion is based on a multiplexer tree architecture. Each 2x2 switch
can be considered as a pair of 2:1 multiplexers that share the same
inputs. The signal path through each switch is fully differential
with minimal propagation delay. The signal path is unregistered,
so no clock is required for the data inputs. The signal line drivers
and receivers use Low Voltage Differential Signaling (LVDS) to
achieve signaling rates as high as 650 Mbps.
TheLVDSstandardprovidesaminimumdifferentialoutputvoltage
magnitudeof247mVintoa100Ωloadandreceiptof100mVsignals
with up to 1V of ground potential difference between a transmitter
and receiver. The PI90LVB024 doubles the output drive current to
achieve Bus LVDS signaling levels with a 50Ω load.
The intended application of these devices is for loop-through and
redundant channel switching for both point-to-point base-band
(PI90LV024) and multipoint (PI90LVB024) data transmissions
over controlled impedance media. The package pin assignments
enables easy routing for applications requiring signal feedback.
Block Diagram
Pin Configuration
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
1Y
1Z
2DE
2Z
2Y
GND
4B
4A
S3
3DE
S2
3A
3B
1B
1A
S0
1DE
S1
2A
2B
GND
4Y
4Z
4DE
3Z
3Y
VCC
1DE/2DE
1Y/1Z
2Y/2Z
4A/4B
3A/3B
S2/S3
S0/S1
1A/1B
2A/2B
4Y/4Z
3Y/3Z
3DE/4DE


Similar Part No. - PI90LV024

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024L PERICOM-PI90LV024L Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024Q PERICOM-PI90LV024Q Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LV024

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
CLASS V 2x2 LVDS CROSSPOINT SWITCH
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com