Electronic Components Datasheet Search
  English  ▼

X  

PI90LV024 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV024
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV024 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
2
PS8486B
08/19/04
Figure 1. Possible Signal Routing
MUX Truth Table
Input
Output
Function
S3, S1
S2, S0
1Y/1Z - 3Y/3Z
2Y/2Z - 4Y/4Z
0
0
1A/1B - 3A/3B
1A/1B - 3A/3B
Splitter
0
1
2A/2B - 4A/4B
2A/2B - 4A/4B
Splitter
1
0
1A/1B - 3A/3B
2A/2B - 4A/4B
Router
1
1
2A/2B - 4A/4B
1A/1B - 3A/3B
Router
Note:
1.
Setting nDE to 0 will set Ouput nY/nZ to High Impedance.
S1/S0
1A/1B
2A/2B
3DE/4DE
3Y/3Z
4Y/4Z
1DE/2DE
1Y/1Z
2Y/2Z
S3/S2
3A/3B
4A /4B
Cross Point
Router
Pass Through
Router
S1/S0
1A/1B
2A/2B
3DE/4DE
3Y/3Z
4Y/4Z
1DE/2DE
1Y/1Z
2Y/2Z
S3/S2
3A/3B
4A/4B
Splitter A
Splitter B
Splitter Options
Router Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com