Electronic Components Datasheet Search
  English  ▼

X  

PI90LV024 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV024
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI90LV024 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV024 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
6
PS8486B
08/19/04
Differential Receiver to Driver Switching Characteristics Over Recommended Operating Conditions
(unless otherwise noted)
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max. Units
tPLH
Differential propagation delay, low-to-high
CL = 10pF
(see fig. 5)
4.0
6.0
ns
tPHL
Differential propagation delay, high-to-low
4.0
6.0
tsk(p)
Pulse skew ( | tPHL - tPLH | )
0.5
-
tr
Transistion, low-to-high
LV024
1.0
1.5
LVB024
0.8
1.3
tf
Transition, high-to-low
LV024
1.0
1.5
LVB024
0.8
1.3
tPHZ
Propagation delay time, high-level to high impedance output
See fig. 6
4.0
10
tPLZ
Propagation delat time, low-level to high impedance output
4.3
10
tPZH
Propagation delat time, high-level to high impedance output
3.0
10
tPZL
Propagation delat time, high-level to lowimpedance output
2.0
10
tPHL_R1_DX
Channel-to-channel skew, receiver to driver(2)
95
ps
tPLH_R1_DX
95
tPHL_R2_DX
95
tPLH_R2_DX
95
Notes:
1. All typical values are at 25°C and with a 3.3V supply
2. These parametric values are measured over supply voltage and temperature ranges recommended for the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com