Electronic Components Datasheet Search
  English  ▼

X  

MTL007F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MTL007F
Description  SXGA Flat Panel Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTL007F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MTL007F Datasheet HTML 1Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 2Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 3Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 4Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 5Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 6Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 7Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 8Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
MTL007
page 4 of 65
PIN DESCRIPTION
ADC Input Interface (RGB or YUV or TMDS Input Data)
Name
Type
Pin No.
Description
IPCLK
I
92
Input pixel clock
VSYNC
I
94
Input Vertical sync
HSYNC/CS
I
93
Input Horizontal or Composite sync
RIN[7:0]/YIN[7:0]
(RIN[5:0])
I
91-84
(89-84)
Red or Y channel or TMDS input data
(Red channel for 6-bit input)
GIN[7:0]/UVIN[7:0]
(GIN[5:0])
I
82-75
(78-75, 91, 90)
Green or UV channel or TMDS input data
(Green channel for 6-bit input)
BIN[7:0]
(BIN[5:0])
I
74-67
(68, 67, 82-79)
Blue or TMDS input data, or Control bit for YUV video input
Bit 4: VPHREF, Video input Horizontal reference signal
Bit 3: VPVS, Video input VSYNC signal
Bit 2: VPODD, Video input ODD/EVEN field signal
Bit 1: VPHS, Video input HSYNC signal
Bit 0: VPCLK, Video input clock signal
(Blue channel for 6-bit input)
RAWHS
I
62
Input source HSYNC for measurement
TDIE
I
66
TMDS digital input enable
CLAMP
O
60
Clamp pulse output for ADC
Display Output Interface
Name
Type
Pin No.
Description
DDCLK1
1
Display output clock
DVSYNC
O
37
Display Vertical sync output
OE
O
39
Display output enable
DHSYNC
O
35
Display Horizontal sync output
DDCLK2
O
38
Display output clock
R1OUT[0:7]
O
33-30, 28, 26-25, 23 Red output even data
, bit[7:2] for 6-rlogin rbit panel
G1OUT[0:7]
O
22, 20-15, 13
Green output even data , bit[7:2] for 6-bit panel
B1OUT[0:7]
O
11-9, 7, 5-3, 2
Blue output even data
, bit[7:2] for 6-bit panel
R2OUT[0:7]
O
128-127, 125-124,
122-119
Red output odd data
, bit[7:2] for 6-bit panel
G2OUT[0:7]
O
118,117, 115, 113-
111, 109,107
Green output odd data , bit[7:2] for 6-bit panel
B2OUT[0:7]
O
106-101, 99-98
Blue output odd data
, bit[7:2] for 6-bit panel
Host Interface
Name
Type
Pin No.
Description
RST#
I
44
System reset input, active low.
SCL
I
48
Serial bus clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com