Electronic Components Datasheet Search
  English  ▼

X  

MTL007F Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # MTL007F
Description  SXGA Flat Panel Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTL007F Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button MTL007F Datasheet HTML 42Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 43Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 44Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 45Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 46Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 47Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 48Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 49Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
MTL007
page 46 of 65
Since the Dithering Table is downloadable, this data port is the entry address.
D7-0
DITHER_REG[7:0]
Gamma Table Data Port (Address 9Fh) (R/W)
Since the Gamma Table is downloadable, this data port is the entry address.
D7-0
GAMMA_PORT[7:0]
OSD Control Registers 0 (Address A0h) (R/W)
D7
OSD Output Clock Select
0: from Internal Display Dot Clock;
1: from Internal Display Dot Clock x 2
D6
OSD Output VS Invert
0: Normal;
1: Invert
*D5-4
OSD Output VS Select
00: Display VDE, when Reg. 89h/D1=0;
Display VBDE, when Reg. 89h/D1=1;
01: Display VS;
1x: Input VS
D3
OSD Function
0: OFF;
1: ON
D2
Reserved
D1-0
OSD TYPE Select
00: OSDRGB = {R0000000, G0000000, B0000000};
01: OSDRGB = {RR000000, GG000000, BB000000};
10: OSDRGB = {RRRR0000, GGGG0000, BBBB0000};
11: OSDRGB = {RRRRRRRR, GGGGGGGG, BBBBBBBB};
R = OSDR, G = OSDG, B = OSDB
OSD Control Register 1 (Address A1h) (R/W)
D7
OSD Output HS Invert;
0: Normal;
1: Invert.
D6
OSD Output DCLK Invert;
0: Normal;
1: Invert.
D5-4
OSD Output HS Delay
4 steps to change, each of them is 1ns delay/step.
D3
OSD Input Data Sample Clock Invert
0: Normal;
1: Invert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com