Electronic Components Datasheet Search
  English  ▼

X  

MTL007F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MTL007F
Description  SXGA Flat Panel Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTL007F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTL007F Datasheet HTML 1Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 2Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 3Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 4Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 5Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 6Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 7Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 8Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
MTL007
page 5 of 65
SDA
I/O
47
Serial bus data
TESTMODE
I
95
Test Mode, Normally grounded.
IRQ
O
58
Interrupt request output
OSD Interface
Name
Type
Pin No.
Description
OVSYNC
O
49
Vertical sync for external OSD
OHSYNC
O
50
Horizontal sync for external OSD
OCLK
O
51
Clock for external OSD
OSDRED
I
52
OSD red input
OSDGRN
I
53
OSD green input
OSDBLU
I
54
OSD blue input
OSDEN
I
55
OSD overlay enable
OSDINT
I
56
OSD intensity
Other Interface
Name
Type
Pin No.
Description
XI
I
42
Oscillator frequency input
XO
O
41
Oscillator frequency output
EXTDCLK1
I
46
External display clock input 1
EXTDCLK2
I
45
External display clock input 2
ADVS
O
61
Vertical sync for A/D converter
3.3V Power and Ground
Name
PIN No.
Description
DVDD
14,29,63,83,116
Digital power 3.3V
DCAP
64
External CAP for digital Power
DVSS
12,27,65,96,114
Digital ground
PVDD
6,24,36,57,97,108,
126
Pad power 3.3V
PVSS
8,21,34,59,100,110,
123
Pad ground
AVDD
40
Analog power 3.3V
AVSS
43
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com