Electronic Components Datasheet Search
  English  ▼

X  

MTL007F Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # MTL007F
Description  SXGA Flat Panel Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTL007F Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button MTL007F Datasheet HTML 41Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 42Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 43Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 44Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 45Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 46Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 47Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 48Page - List of Unclassifed Manufacturers MTL007F Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 65 page
background image
MTL007
page 45 of 65
Color Gain Control - BLUE (Address 92h) (R/W)
It can be used to adjust the gain of BLUE component of the Display Image.
D7-0
BGAIN[7:0]
0(00h) ~ x1(80h) ~ x1.992185(FFh)
Color Brightness Control - RED (Address 93h) (R/W)
It can be used to adjust the brightness of RED component of the Display Image.
D7-0
RBRIGHT[7:0]
-128(80h) ~ 0(00h) ~127(7Fh)
Color Brightness Control - GREEN (Address 94h) (R/W)
It can be used to adjust the brightness of GREEN component of the Display Image.
D7-0
GBRIGHT[7:0]
-128(80h) ~ 0(00h) ~127(7Fh)
Color Brightness Control - BLUE (Address 95h) (R/W)
It can be used to adjust the brightness of BLUE component of the Display Image.
D7-0
BBRIGHT[7:0]
-128(80h) ~ 0(00h) ~127(7Fh)
*Border Window Color - RED (Address 96h) (R/W)
When the Display Image is not expanded to full screen, it can be specified as the RED component of the border
color.
D7-0
BCR[7:0]
*Border Window Color - GREEN (Address 97h) (R/W)
When the Display Image is not expanded to full screen, it can be specified as the GREEN component of the
border color.
D7-0
BCG[7:0]
*Border Window Color - BLUE (Address 98h) (R/W)
When the Display Image is not expanded to full screen, it can be specified as the BLUE component of the
border color.
D7-0
BCB[7:0]
*Dithering Table Data Port (Address 9Eh) (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com