Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS8501 Datasheet HTML 1Page - Renesas Technology Corp PS8501 Datasheet HTML 2Page - Renesas Technology Corp PS8501 Datasheet HTML 3Page - Renesas Technology Corp PS8501 Datasheet HTML 4Page - Renesas Technology Corp PS8501 Datasheet HTML 5Page - Renesas Technology Corp PS8501 Datasheet HTML 6Page - Renesas Technology Corp PS8501 Datasheet HTML 7Page - Renesas Technology Corp PS8501 Datasheet HTML 8Page - Renesas Technology Corp PS8501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS8501, PS8501L1, PS8501L2, PS8501L3
R08DS0242EJ0100 Rev.1.00
Page 4 of 15
Sep 22, 2021
PHOTOCOUPLER CONSTRUCTION
Parameter
PS8501, PS8501L3
PS8501L1, PS8501L2
Air Distance (MIN.)
7 mm
8 mm
Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
MARKING EXAMPLE
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number*1
PS8501
PS8501-AX
Pb-Free
(Ni/Pd/Au)
Magazine case 50 pcs
Standard products
(UL, CSA, BSI,
SEMKO, NEMKO,
DEMKO, FIMKO
approved)
PS8501
PS8501L1
PS8501L1-AX
PS8501L1
PS8501L2
PS8501L2-AX
PS8501L2
PS8501L3
PS8501L3-AX
PS8501L3
PS8501L2-E3
PS8501L2-E3-AX
Embossed Tape 1 000 pcs/reel
PS8501L2
PS8501L3-E3
PS8501L3-E3-AX
PS8501L3
PS8501-V
PS8501-V-AX
Magazine case 50 pcs
UL, CSA, BSI,
SEMKO, NEMKO,
DEMKO, FIMKO,
DIN EN 60747-5-5
approved
PS8501
PS8501L1-V
PS8501L1-V-AX
PS8501L1
PS8501L2-V
PS8501L2-V-AX
PS8501L2
PS8501L3-V
PS8501L3-V-AX
PS8501L3
PS8501L2-V-E3
PS8501L2-V-E3-AX
Embossed Tape 1 000 pcs/reel
PS8501L2
PS8501L3-V-E3
PS8501L3-V-E3-AX
PS8501L3
Notes*: 1. For the application of the Safety Standard, following part number should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com