Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button PS8501 Datasheet HTML 8Page - Renesas Technology Corp PS8501 Datasheet HTML 9Page - Renesas Technology Corp PS8501 Datasheet HTML 10Page - Renesas Technology Corp PS8501 Datasheet HTML 11Page - Renesas Technology Corp PS8501 Datasheet HTML 12Page - Renesas Technology Corp PS8501 Datasheet HTML 13Page - Renesas Technology Corp PS8501 Datasheet HTML 14Page - Renesas Technology Corp PS8501 Datasheet HTML 15Page - Renesas Technology Corp PS8501 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PS8501, PS8501L1, PS8501L2, PS8501L3
R08DS0242EJ0100 Rev.1.00
Page 12 of 15
Sep 22, 2021
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
•
f
260
C or below (package surface temperature)
•
f
f
10 seconds or less
•
f temperature higher than 220
C
60 seconds or less
•
f
C 12030 s
•
f
f
Three
• F
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of
0.2 Wt% is recommended.)
(2) Wave soldering
• Temperature
260
C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions 120
C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(3) Soldering by Soldering Iron
• Peak Temperature (lead part temperature) 350
C or below
• Time (each pins)
3 seconds or less
• Flux
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt% is recommended.)
(a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead
(b) Please be sure that the temperature of the package would not be heated over 100
C
(4) Cautions
• F
Avoid cleaning with Freon based or halogen-based (chlorinated etc.) solvents.
• Do not use fixing agents or coatings containing halogen-based substances.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler
’
VCC-emitters at startup, the output side may enter the on state, even if the voltage is within the absolute
maximum ratings.
c
f
f
f
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com