Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS8501 Datasheet HTML 1Page - Renesas Technology Corp PS8501 Datasheet HTML 2Page - Renesas Technology Corp PS8501 Datasheet HTML 3Page - Renesas Technology Corp PS8501 Datasheet HTML 4Page - Renesas Technology Corp PS8501 Datasheet HTML 5Page - Renesas Technology Corp PS8501 Datasheet HTML 6Page - Renesas Technology Corp PS8501 Datasheet HTML 7Page - Renesas Technology Corp PS8501 Datasheet HTML 8Page - Renesas Technology Corp PS8501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS8501, PS8501L1, PS8501L2, PS8501L3
R08DS0242EJ0100 Rev.1.00
Page 5 of 15
Sep 22, 2021
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current *1
IF
25
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8
mA
Power Dissipation *2
PC
100
mW
Isolation Voltage *3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
C
Storage Temperature
Tstg
−55 to +125
C
Notes*: 1. Reduced to 0.33 mA/°C at TA = 70 °C or more.
2. Reduced to 2.0 mW/°C at TA = 75 °C or more.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input and output.
Pins 1-4 shorted together, 5-8 shorted together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com