Electronic Components Datasheet Search
  English  ▼

X  

PS8501 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS8501
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8501 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS8501 Datasheet HTML 1Page - Renesas Technology Corp PS8501 Datasheet HTML 2Page - Renesas Technology Corp PS8501 Datasheet HTML 3Page - Renesas Technology Corp PS8501 Datasheet HTML 4Page - Renesas Technology Corp PS8501 Datasheet HTML 5Page - Renesas Technology Corp PS8501 Datasheet HTML 6Page - Renesas Technology Corp PS8501 Datasheet HTML 7Page - Renesas Technology Corp PS8501 Datasheet HTML 8Page - Renesas Technology Corp PS8501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R08DS0242EJ0100 Rev.1.00
Page 1 of 15
Sep 22, 2021
Data Sheet
PS8501, PS8501L1, PS8501L2, PS8501L3
HIGH SPEED ANALOG OUTPUT TYPE
8-PIN DIP PHOTOCOUPLER
DESCRIPTION
The PS8501, PS8501L1, PS8501L2 and PS8501L3 are 8-pin high speed photocouplers containing an
AlGaAs LED on input side and a PN photodiode and a high speed amplifier transistor on output side on one
chip.
The PS8501 is in a plastic DIP (Dual In-line Package).
The PS8501L1 is lead bending type for long creepage distance.
The PS8501L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
The PS8501L3 is lead bending type (Gull-wing) for surface mounting.
FEATURES
• Long creepage distance (8 mm MIN. : PS8501L1, PS8501L2)
• High supply voltage (VCC = 35 V MAX.)
• High speed response (tPHL, tPLH = 0.8 µs MAX.)
• High isolation voltage (BV = 5 000 Vr.m.s.)
• TTL, CMOS compatible with a resistor
• Ordering number of tape product : PS8501L2-E3 : 1 000 pcs/reel
: PS8501L3-E3 : 1 000 pcs/reel
• Pb-Free product
• Safety standards
•
- UL approved: UL1577, Double protection
•
- CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
•
- BSI approved: BS EN 62368-1, Reinforced insulation
•
- SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
•
- NEMKO approved: EN 62368-1, Reinforced insulation
•
- DEMKO approved: EN 62368-1, Reinforced insulation
•
- FIMKO approved: EN 62368-1, Reinforced insulation
•
- VDE approved: DIN EN 60747-5-5 (Option)
APPLICATIONS
• Interface for measurement or control equipment
• Substitutions for relays and pulse transformers
• Modem, communications device
• General purpose inverter
R08DS0242EJ0100
Rev.1.00
Sep 22, 2021
Start of mass production
Jun.2006


Similar Part No. - PS8501

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501-AX CEL-PS8501-AX Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8501-V CEL-PS8501-V Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501-V RENESAS-PS8501-V Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8501

ManufacturerPart #DatasheetDescription
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8502 RENESAS-PS8502 Datasheet
167Kb / 19P
HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com