Electronic Components Datasheet Search
  English  ▼

X  

PS9124-AX Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9124-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124-AX Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9124-AX Datasheet HTML 1Page - Renesas Technology Corp PS9124-AX Datasheet HTML 2Page - Renesas Technology Corp PS9124-AX Datasheet HTML 3Page - Renesas Technology Corp PS9124-AX Datasheet HTML 4Page - Renesas Technology Corp PS9124-AX Datasheet HTML 5Page - Renesas Technology Corp PS9124-AX Datasheet HTML 6Page - Renesas Technology Corp PS9124-AX Datasheet HTML 7Page - Renesas Technology Corp PS9124-AX Datasheet HTML 8Page - Renesas Technology Corp PS9124-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 5 of 16
Oct 29, 2018
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current *1
IF
25
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
7
V
Output Voltage
VO
7
V
Output Current
IO
25
mA
Power Dissipation *2
PC
200
mW
Isolation Voltage *3
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
40 to +110
C
Storage Temperature
Tstg
55 to +125
C
Notes: *1. Reduced to 0.2 mA/
C at TA = 25C or more.
*2. Reduced to 4.0 mW/
C at TA = 75C or more.
*3 AC voltage for 1 minute at TA = 25
C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low Level Input Voltage
VFL
2
0.8
V
High Level Input Current
IFH
3.8
6.0
7.5
mA
Supply Voltage
VCC
2.7
3.3
3.6
V
4.5
5.0
5.5
TTL (RL = 1 k
, loads)
N
5
Pull-up Resistor
RL
330
4 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com