Electronic Components Datasheet Search
  English  ▼

X  

PS9124-AX Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9124-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124-AX Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9124-AX Datasheet HTML 3Page - Renesas Technology Corp PS9124-AX Datasheet HTML 4Page - Renesas Technology Corp PS9124-AX Datasheet HTML 5Page - Renesas Technology Corp PS9124-AX Datasheet HTML 6Page - Renesas Technology Corp PS9124-AX Datasheet HTML 7Page - Renesas Technology Corp PS9124-AX Datasheet HTML 8Page - Renesas Technology Corp PS9124-AX Datasheet HTML 9Page - Renesas Technology Corp PS9124-AX Datasheet HTML 10Page - Renesas Technology Corp PS9124-AX Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 7 of 16
Oct 29, 2018
Notes: *1. Typical values at TA = 25
C
*2. Test circuit for propagation delay time
Remark
CL includes probe and stray wiring capacitance.
*3. Test circuit for common mode transient immunity
Remark
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
F is used between VCC and GND near device. Also, ensure that the distance
between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
4. Do not use adhesives or coating materials including halogens to fix this device.
47 
Pulse input (IF)
VO (Monitor)
VCC = 3.3/5.0 V
Input
(Monitor)
0.1 F
CL = 15 pF
RL = 350 
(PW = 1 s,
Duty cycle = 1/10)
IF
VOUT
90%
10%
tf
tr
90%
10%
Input
Output
1.5 V
VOL
tPHL
tPLH
(IF = 4.5 mA)
50%
90%
10%
1 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 4.5 mA)
tr
tf
VO (Monitor)
VCC = 3.3/5.0 V
0.1 F
CL = 15 pF
SW
IF
RL = 350 
VCM = 1 kV
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com