Electronic Components Datasheet Search
  English  ▼

X  

PS9124-AX Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9124-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124-AX Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9124-AX Datasheet HTML 4Page - Renesas Technology Corp PS9124-AX Datasheet HTML 5Page - Renesas Technology Corp PS9124-AX Datasheet HTML 6Page - Renesas Technology Corp PS9124-AX Datasheet HTML 7Page - Renesas Technology Corp PS9124-AX Datasheet HTML 8Page - Renesas Technology Corp PS9124-AX Datasheet HTML 9Page - Renesas Technology Corp PS9124-AX Datasheet HTML 10Page - Renesas Technology Corp PS9124-AX Datasheet HTML 11Page - Renesas Technology Corp PS9124-AX Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 8 of 16
Oct 29, 2018
TYPICAL CHARACTERISTICS (TA = 25
C, unless otherwise specified)
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
25
50
75
125
100 110
110
25
50
75
125
100
0
30
25
20
15
10
5
0
300
250
200
150
100
50
10
8
6
4
2
0
-50
-25
0
25
50
75
100
125
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
0
2
4
3
5
4
3.5
3
2.5
2
1.5
1
0.5
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
1
0
2
4
3
5
6
5
4
3
2
1
ICCL(IF = 4.5 mA)
ICCH(IF = 0 mA)
TA = 110°C
85°C
50°C
25°C
0°C
-40°C
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.3 V
VCC = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com