Electronic Components Datasheet Search
  English  ▼

X  

PS9124-AX Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9124-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124-AX Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9124-AX Datasheet HTML 5Page - Renesas Technology Corp PS9124-AX Datasheet HTML 6Page - Renesas Technology Corp PS9124-AX Datasheet HTML 7Page - Renesas Technology Corp PS9124-AX Datasheet HTML 8Page - Renesas Technology Corp PS9124-AX Datasheet HTML 9Page - Renesas Technology Corp PS9124-AX Datasheet HTML 10Page - Renesas Technology Corp PS9124-AX Datasheet HTML 11Page - Renesas Technology Corp PS9124-AX Datasheet HTML 12Page - Renesas Technology Corp PS9124-AX Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 9 of 16
Oct 29, 2018
Remark The graphs indicate nominal characteristics.
Ambient Temperature TA (°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
-25
0
25
50
100
75
-50
125
120
0
20
40
60
80
100
-25
0
25
50
100
75
-50
125
120
0
20
40
60
80
100
-25
0
25
50
100
75
-50
125
-25
0
25
50
100
75
-50
125
-25
0
25
50
100
75
-50
125
-25
0
25
50
100
75
-50
125
Ambient Temperature TA (°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
0.5
0
0.1
0.2
0.3
0.4
5
0
1
2
3
4
5
0
1
2
3
4
0.5
0
0.1
0.2
0.3
0.4
VCC = 3.3 V,
IF = 4.5 mA
VCC = 3.3 V,
VO = 0.8 V,
RL = 350 
VCC = 5 V,
VO = 0.8 V,
RL = 350 
VCC = 5.5 V,
IF = 4.5 mA
Ambient Temperature TA (°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
IOL = 16 mA
13 mA
10 mA
6 mA
IOL = 16 mA
13 mA
10 mA
6 mA
IFHL
IFLH
IFHL
IFLH
VCC = 3.3 V,
IF = 4.5 mA,
RL = 350 
tPHL
tPLH
PWD
VCC = 5 V,
IF = 4.5 mA,
RL = 350 
tPHL
tPLH
PWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com