Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129RHHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129RHHT
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75DP129RHHT Datasheet HTML 4Page - Texas Instruments SN75DP129RHHT Datasheet HTML 5Page - Texas Instruments SN75DP129RHHT Datasheet HTML 6Page - Texas Instruments SN75DP129RHHT Datasheet HTML 7Page - Texas Instruments SN75DP129RHHT Datasheet HTML 8Page - Texas Instruments SN75DP129RHHT Datasheet HTML 9Page - Texas Instruments SN75DP129RHHT Datasheet HTML 10Page - Texas Instruments SN75DP129RHHT Datasheet HTML 11Page - Texas Instruments SN75DP129RHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Device Power
ELECTRICAL CHARACTERISTICS
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJB
Junction-to-board thermal resistance
9.44(1)
°C/W
RθJC
Junction-to-case thermal resistance
24.74
°C/W
LP = 3.3 V, ML: VID = 500 mV, 2.5 Gbps
PD
Device power dissipation(2)
PRBS;
380
490
mW
I2C: VID = 3.3 V, 100 Kbps PRBS; HPD = 5 V
PSD
Device power dissipation under low power
LP = 0 V
5
20
µW
(1)
The maximum rating is simulated under 3.6 V VCC and VDD unless otherwise noted.
(2)
Power disipation is the sum of the power consumption from the VCC and VDD pins, plus the 132 mW of power from the AVCC (Receiver
Termination Supply).
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VDD
Supply voltage
1.65
3.6
V
TA
Operating free-air temperature
0
85
°C
MAIN LINK DIFFERENTIAL INPUT PINS
VID
Peak-to-peak input differential voltage
0.15
1.40
V
dR
Data rate
2.5
Gbps
TMDS DIFFERENTIAL OUTPUT PINS
AVCC
TMDS output termination voltage
3
3.3
3.6
V
dR
Data rate
2.5
Gbps
Rt
Termination resistance
45
50
55
Ω
AUXILIARY AND I2C PINS
VI
Input voltage
0
5.5
V
dR(I2C)
I2C data rate
100
kHz
HPD AND CONTROL PINS
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0
0.8
V
The SN75DP129 is designed to operate from one or two supply voltages, depending on the implementation of
the integrated Hot Plug Detect (HPD) level translator. The TMDS level translator is powered from a single 3.3-V
supply. The HPD translator is powered using the VDD pin and its voltage can range from 1.8 V to 3.3 V. This
voltage determines the HIGH-level output voltage of the HPD_OUT pin.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
LP = 3.6 V, VCC = VDD,
50
75
112
mA
ML: VID = 500 mV, 2.7 Gbps PRBS
AUX: VI = 3.3 V, 100 kHz PRBS
IDD
Supply current
1
2
mA
HPD: HPD_IN = 5 V
ISD
Shutdown current
LP = 0 V
1
5
µA
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com