Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129RHHT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129RHHT
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHT Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN75DP129RHHT Datasheet HTML 10Page - Texas Instruments SN75DP129RHHT Datasheet HTML 11Page - Texas Instruments SN75DP129RHHT Datasheet HTML 12Page - Texas Instruments SN75DP129RHHT Datasheet HTML 13Page - Texas Instruments SN75DP129RHHT Datasheet HTML 14Page - Texas Instruments SN75DP129RHHT Datasheet HTML 15Page - Texas Instruments SN75DP129RHHT Datasheet HTML 16Page - Texas Instruments SN75DP129RHHT Datasheet HTML 17Page - Texas Instruments SN75DP129RHHT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
www.ti.com
Data +
Data -
Clk +
Clk -
Video
Patterm
Generator
800 mVppor
1200 mVpp
Differential
Coax
Coax
Coax
Coax
Coax
Coax
Coax
Coax
SN 75 DP 129
SMA
SMA
SMA
SMA
Avcc (4)
RT
RT
(5)
AVcc
RT
RT
Jitter Test
Instrument (2,3)
TTP 4
TTP 2
TTP 1
FR 4 PCBtrace
(1)
&
ACcouplingCaps
FR 4 PCBtrace
RX
+EQ
OUT
RX
+EQ
OUT
SMA
SMA
SMA
SMA
TTP 3
Jitter Test
Instrument (2,3)
Driver
50 W
+
-
IOS
50 W
0Vor3.6V
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
(1)
The FR4 trance between TTP1 and TTP2 is designed to emulate 8 inches of FR4, a connector, and another 8 inches
if FR4.
(2)
All jitter is measured at a BER of 10–12
(3)
Residual jitter reflects the total jitter measured at TTP4 minus the jitter measured at TTP1.
(4)
AVCC = 3.3 V
(5)
RT = 50 Ω
Figure 16. TMDS Jitter Measurements
Figure 17. TMDS Main Link Short Circuit Output Circuit
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com