Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129RHHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129RHHT
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN75DP129RHHT Datasheet HTML 16Page - Texas Instruments SN75DP129RHHT Datasheet HTML 17Page - Texas Instruments SN75DP129RHHT Datasheet HTML 18Page - Texas Instruments SN75DP129RHHT Datasheet HTML 19Page - Texas Instruments SN75DP129RHHT Datasheet HTML 20Page - Texas Instruments SN75DP129RHHT Datasheet HTML 21Page - Texas Instruments SN75DP129RHHT Datasheet HTML 22Page - Texas Instruments SN75DP129RHHT Datasheet HTML 23Page - Texas Instruments SN75DP129RHHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
www.ti.com
READING FROM THE SN75DP129, AN EXAMPLE
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
The read operation consists of several steps. The I2C master begins the communication with the transmission of
the start sequence, followed by the slave address of the SN75DP129 and logic address of 00h. The SN75DP129
acknowledges it’s presence to the master and begins to transmit the memory registers contents . After each byte
is transferred, the SN75DP129 waits for an acknowledge (ACK) or a not-acknowledge (NACK) from the master.
If an ACK is received, the next byte of data is transmitted. If a NACK is received, the data transmission sequence
is expected to end and the master should send the stop command.
The SN75DP129 continues to send data until the master fails to acknowledge each byte transmission. If an ACK
is received after the transmission of byte 0x0F, the SN75DP129 transmits byte 0x10 and continues to transmit
byte 0x10 for all further ACK’s until a NACK is received.
SN75DP129 Read Phase
Step 1(1)
0
I2C Start (Master)
S
(1)
The SN75DP129 also supports an accelerated read mode in which steps 1 through 6 can be skipped.
Step 2
7
6
5
4
3
2
1
0
I2C General Address Write (Master)
1
0
0
0
0
0
0
0
Step 3
9
I2C Acknowledge (Slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C Logic Address (Master)
1
0
0
0
0
0
0
0
Step 5
9
I2C Acknowledge (Slave)
A
Step 6
0
I2C Stop (Master)
P
Step 7
0
I2C Start (Master)
S
Step 8
7
6
5
4
3
2
1
0
I2C General Address Read (Master)
1
0
0
0
0
0
0
1
Step 9
9
I2C Acknowledge (Slave)
A
Step 10
7
6
5
4
3
2
1
0
I2C Read Data (Slave)
Data
Data
Data
Data
Data
Data
Data
Data
Where Data is determined by the Logic values Contained in the Sink Port Register
Step 11
9
I2C Not-Acknowledge (Master)
X
Where X is an A (Acknowledge) or A (Not-Acknowledge)
An A causes the pointer to increment and step 10 is repeated.
An A causes the slave to stop transmitting and proceeds to step 12.
Step 12
0
I2C Stop (Master)
P
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com