Electronic Components Datasheet Search
  English  ▼

X  

SN75DP129RHHT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP129RHHT
Description  DisplayPort to TMDS Translator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP129RHHT Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN75DP129RHHT Datasheet HTML 15Page - Texas Instruments SN75DP129RHHT Datasheet HTML 16Page - Texas Instruments SN75DP129RHHT Datasheet HTML 17Page - Texas Instruments SN75DP129RHHT Datasheet HTML 18Page - Texas Instruments SN75DP129RHHT Datasheet HTML 19Page - Texas Instruments SN75DP129RHHT Datasheet HTML 20Page - Texas Instruments SN75DP129RHHT Datasheet HTML 21Page - Texas Instruments SN75DP129RHHT Datasheet HTML 22Page - Texas Instruments SN75DP129RHHT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
Slave Address
Sink Port Selection Register and Source Plug-In Status Register Description (Sub-Address)
SN75DP129
SLAS583A – JANUARY 2008 – REVISED MARCH 2008
Figure 28. Multiple Byte Read Transfer
Both SDA and SCL must be connected to a positive supply voltage via a pull-up resistor. These resistors should
comply with the I2C specification that ranges from 2 k
Ω to 19 kΩ. When the bus is free, both lines are high. The
address byte is the first byte received following the START condition from the master device. The 7 bit address is
factory preset to 1000000. Table 2 lists the calls that the SN75DP129 will respond to.
Table 2. SN75DP129 Slave Address
READ/WRITE
FIXED ADDRESS
BIT
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (R/W)
1
0
0
0
0
0
0
1
The SN75DP129 operates using a multiple byte transfer protocol similar to Figure 28. The internal memory of the
SN75DP129 contains the phrase DP-HDMI ADAPTOR<EOT> converted to ASCII characters. The internal
memory address registers and the corresponding values can be found in Table 3.
During a read cycle, the SN75DP129 sends the data (within its selected sub-address) in a single transfer to the
master device requesting the information. See the Reading from the SN75DP129, an Example section of this
data sheet for the proper procedure.
Table 3. SN75DP129 Sink Port and Source Plug-In Status Registers Selection
ADDRESS
0x00
0x01
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
0x0A
0x0B
0x0C
0x0D
0x0E
0x0F
0x10
Data
44
50
2D
48
44
4D
49
20
41
44
41
50
54
4F
52
04
FF
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): SN75DP129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com