Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 9 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 5Page - Eorex Corporation EU1010 Datasheet HTML 6Page - Eorex Corporation EU1010 Datasheet HTML 7Page - Eorex Corporation EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
WDT divider
TMRC (01H)
bit7
bit6
FSYS/2
0
0
FSYS/4
0
1
FSYS/8
1
0
FSYS/16
1
1
PB ports interrupt
PB6~0, in input mode, could be optioned as external interrupt source by setting PBINT (00H.2) = 1.
When the interrupt enabled and external signal changed from high to low, the PB port interrupt will take
into action and its interrupt vector is $3FF6H and $3FF7H.
A falling edge signal at PB ports will wake up CPU from HALT or STOP mode. When PB port interrupt is
enabled (PBINT=1), CPU will wake up from HALT or STOP mode, and serve PB port interrupt first and
then execute next instruction. If PB port interrupt is disabled, CPU will just be waked up and then
execute next instruction only. User should check which PB port the falling edge signal comes from by
PBF control register. If the falling edge is from PB0, the PBF.0 will be set to “1” by hardware. These flags
could be cleared by software.
Address
02H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
NAME
PBF
#
PBF6
PBF5
PBF4
PBF3
PBF2
PBF1
PBF0
Read or Write
#
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
#
0
0
0
0
0
0
0
Timer0
Timer0 is an 8-bit down count timer. Its clock source comes from CPU main-oscillator (FOSC) or
ExCLK/PB3, which is listed in figure 4-3. User can preset timer0 counter by setting data into timer0
preload buffer T0BF(04H). The data read from T0BF(04H) will be the current count of timer0.
Timer0 will down count by every input clock when T0EN=1. When timer0 down count from 00H to FFH,
T0F will be set to “1” and if T0INT =1, the timer0 interrupt will occur. Timer0 will automatically reload data
from T0BF/04H (timer0 preset buffer). Therefore, user can preset timer0 new data into T0BF(04H)
before timer0 underflow and cause different interrupt time duties. That is, timer0 data will be loaded
from T0BF buffer after T0EN bit is set as “1” or timer0 underflows.
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com