Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 15 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 15 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation EU1010 Datasheet HTML 17Page - Eorex Corporation EU1010 Datasheet HTML 18Page - Eorex Corporation EU1010 Datasheet HTML 19Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
Note:
*PBR.n = 1, enable HALT or STOP mode released by input falling edge signal;
PBR.n = 0, disable HALT or STOP mode release, where n = 6 ~ 0.
*Setting PBR.n register as “1” can enable to release HALT or STOP mode by PB port input signal
from high to low. After HALT or STOP mode released, the oscillator will oscillate at the same time.
If PBINT=1, PB-interrupt subroutine will start. If PBINT=0, the program counter will execute the
next instruction after HALT or STOP.
PBIO register: control PB port as input or output mode. Also, it can be set as partial bits in input mode
and partial bits in output mode.
Address
16H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PBIO
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
1
1
1
1
1
1
1
Note:
*PBIO.n = 1, set as input mode;
PBIO.n = 0, set as output mode.;
That n =6 ~0.
PBMD register
Address
17H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PBMD
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
0
0
0
0
0
0
0
Note:
*When PBIO corresponding bit is optioned as output mode (PBIO.n=0), PBMD.n will work as
CMOS or NMOS option bit.
(PBIO.n=0, PB.n works as output mode)
PBMD.n = 0, PB.n is NMOS output.
PBMD.n = 1, PB.n is CMOS output.
*When PBIO corresponding bit is optioned as input mode (PBIO.n=1), PBMD.n will work as
internal pull-up resistor enable bit or disable bit.
(PBIO.n=1, PB.n works as input mode)
PBMD.n = 0, disable PB.n internal pull-up resistor,
PBMD.n = 1, enable PB.n internal pull-up resistor.
That n = 6 ~ 0.
15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com