Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 16 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 16 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation EU1010 Datasheet HTML 17Page - Eorex Corporation EU1010 Datasheet HTML 18Page - Eorex Corporation EU1010 Datasheet HTML 19Page - Eorex Corporation EU1010 Datasheet HTML 20Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
A/D Converter
The EU101x is built-in with 4 channels of 10-bit Analog to Digital Converter. The analog signal input pins
are shared from PA3~0. These options are controlled by ADIN(09H) and ADCC(0AH) registers.
ADIN register:
PA3~PA0 ports could be optioned as A/D converter analog signal input pins. User can select partial or all
PA3~PA0 pins as analog input pins by ADIN3~0 for corresponding bit.
Address
09H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
ADIN
#
#
#
COMP
ADIN3
ADIN2
ADIN1
ADIN0
Read or Write
#
#
#
W
W
W
W
W
Default Value
#
#
#
0
0
0
0
0
Note:
*ADIN3~0: option of PA3~PA0 as analog signal input pin.
*ADINn = 1, set PA3~0 pin as analog signal input pin;
ADINn = 0, set PA3~0 as normal input/output pin, where n=3~0.
* When PA3~0 is set as analog input pin(s), PA ports control register will be inactive to access.
That is, when PA port is set as analog signal input pin, all PA I/O port functions will be blocked
out.
Note:
*COMP = 0, disable internal comparator;
COMP = 1, enable internal comparator.
When COMP=1, PA4 and PA5 will act as comparator input pin, and then comparator output pin
will be connected to PB4 internally.
ADCC register
Address
0AH
bit7
bit6
bit5
bit4
Bit3
bit2
bit1
bit0
Name
ADCC
ADEN
STC
#
ADS1
ADS0
#
#
#
Read or Write
W
R/W
#
W
W
#
#
#
Default Value
0
#
#
#
#
#
#
#
16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com