Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 12 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 12 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
eorex (Preliminary) EU1010 / EU1011
Aug.2007
www.eorex.com
Timer/counter mode
If T1C.4 (08H.4)=PWM1=0, timer1 works as 16-bit timer/counter mode, register timer1 will down count
by every input clock when timer1 turns on by T1EN=1. When timer1 is down count from 0000H to FFFFH,
T1F bit will be set to “1”. At the same time, if T1INT=1, the timer1 interrupt occurs. Timer1 will
automatically reload data from preload buffer T1BF0(06H) and T1BF1(07H). Therefore, user can preset
T1BF0(06H) and T1BF1(07H) buffer data before different interrupt time duties caused by timer1
underflow. It means that timer1 data will be loaded from T1BF0(06H) and T1BF1(07H) buffer after T1EN
bit is set as “1” or timer1 underflow.
Address
08H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T1C
T1EN
T1F
T1CK
PWM
#
`Timer1 pre-scaler
Read or Write
W
R/W
R/W
W
#
W
W
W
Default Value
0
#
#
0
#
#
#
#
Note:
*T1EN : timer1 enable flag
T1EN = 1, enable timer1 start to down count;
T1EN = 0, stop timer1 down count. (when T1EN=0 and write data into T1BF0(06H) and
T1BF1(07H) , the data will be directly passed to timer1 counter.)
*T1F : timer1 underflow flag
T1F = 1, timer1 underflow;
T1F = 0, timer1 not underflow.
Bit2~bit0 are timer1 clock source selection bits. It must follow the setting as below.
bit2
bit1
bit0
Timer1 pre-scaler (FCLK1= )
0
0
0
FOSC/1
0
0
1
FOSC/2
0
1
0
FOSC/4
0
1
1
FOSC/8
1
#
#
FOSC/16
12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com