Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 14Page - NXP Semiconductors PCA9600DP Datasheet HTML 15Page - NXP Semiconductors PCA9600DP Datasheet HTML 16Page - NXP Semiconductors PCA9600DP Datasheet HTML 17Page - NXP Semiconductors PCA9600DP Datasheet HTML 18Page - NXP Semiconductors PCA9600DP Datasheet HTML 19Page - NXP Semiconductors PCA9600DP Datasheet HTML 20Page - NXP Semiconductors PCA9600DP Datasheet HTML 21Page - NXP Semiconductors PCA9600DP Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
- 1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac933
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)
(2)
1. TX/RX output.
2. SX input.
Figure 20. Propagation SX to TX with RX tied to TX; VCC = 3.3 V (SX pull-up to 3.3 V; TX
pull-up to 5.7 V)
- 1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac934
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)
1. RX input.
2. SX output.
Figure 21. Propagation RX to SX (SX pull-up to 3.3 V; VCC = 3.3 V; RX pull-up to 4.6 V)
10.2 Negative undershoot below absolute minimum value
The reason why the IC pin reverse voltage on pins TX and RX in Table 5 is specified at
such a low value, -0.3 V, is
not that applying larger voltages is likely to cause damage
but that it is expected that, in normal applications, there is no reason why larger DC
voltages will be applied. This ‘absolute maximum’ specification is intended to be a DC
or continuous ratings and the nominal DC I2C-bus voltage LOW usually does not even
reach 0 V. Inside PCA9600 at every pin there is a large protective diode connected to
the GND pin and that diode will start to conduct when the pin voltage is more than about
-0.55 V with respect to GND at 25 °C ambient.
Figure 22 shows the measured characteristic for one of those diodes inside PCA9600.
The plot was made using a curve tracer that applies 50 Hz mains voltage via a series
resistor, so the pulse durations are long duration (several milliseconds) and are reaching
peaks of over 2 A when more than -1.5 V is applied. The IC becomes very hot during this
testing but it was not damaged. Whenever there is current flowing in any of these diodes
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
18 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com