Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 10Page - NXP Semiconductors PCA9600DP Datasheet HTML 11Page - NXP Semiconductors PCA9600DP Datasheet HTML 12Page - NXP Semiconductors PCA9600DP Datasheet HTML 13Page - NXP Semiconductors PCA9600DP Datasheet HTML 14Page - NXP Semiconductors PCA9600DP Datasheet HTML 15Page - NXP Semiconductors PCA9600DP Datasheet HTML 16Page - NXP Semiconductors PCA9600DP Datasheet HTML 17Page - NXP Semiconductors PCA9600DP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
10.1 Calculating system delays and bus clock frequency
PCA9600
PCA9600
SCL
SX
local master bus
VCCM
SCL
MASTER
I2C-BUS
Cs
slave bus
capacitance
Cb
buffered bus
wiring capacitance
Cm
master bus
capacitance
Rm
GND (0 V)
VCCB
buffered expansion bus
TX/RX
TX/RX
SX
Rb
Rs
I2C-BUS
SLAVE
VCCS
remote slave bus
002aac847
Effective delay of SCL at slave: 120 + 17VCCM + (2.5 + 4 × 109 × Cb) × VCCB + 10VCCS (ns).
C = F; V = V.
Figure 15. Falling edge of SCL at master is delayed by the buffers and bus fall times
PCA9600
SX
local master bus
VCCM
SCL
MASTER
I2C-BUS
Cb
buffered bus
wiring capacitance
Cm
master bus
capacitance
Rm
GND (0 V)
VCCB
buffered expansion bus
TX/RX
TX/RX
Rb
002aac848
Effective delay of SCL at master: 115 + (Rm × Cm) + (0.7 × Rb × Cb) (ns).
C = F; R = Ω.
Figure 16. Rising edge of SCL at master is delayed (clock stretch) by buffer and bus rise times
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
14 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com