Electronic Components Datasheet Search
  English  ▼

X  

PCA9600DP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA9600DP
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9600DP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA9600DP Datasheet HTML 16Page - NXP Semiconductors PCA9600DP Datasheet HTML 17Page - NXP Semiconductors PCA9600DP Datasheet HTML 18Page - NXP Semiconductors PCA9600DP Datasheet HTML 19Page - NXP Semiconductors PCA9600DP Datasheet HTML 20Page - NXP Semiconductors PCA9600DP Datasheet HTML 21Page - NXP Semiconductors PCA9600DP Datasheet HTML 22Page - NXP Semiconductors PCA9600DP Datasheet HTML 23Page - NXP Semiconductors PCA9600DP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
NXP Semiconductors
PCA9600
Dual bidirectional bus buffer
should be observed when using reasonable care with the ground connection of the
‘scope. It is more likely that undershoot observed at a driving PCA9600 is caused
by local stray inductance and capacitance in the circuit and by the oscilloscope
connections. As shown, undershoot will be generated by PCB traces, wiring, or
cables driven by a PCA9600 because the allowed value of the I2C-bus pull-up resistor
generally is larger than that required to correctly terminate the wiring. In this example,
with no IC connected at the end of the wiring, the undershoot is about 2 V.
002aaf081
time (ns)
2
0
4
6
voltage
(V)
- 2
horizontal scale = 62.5 ns/div
send
receive
5 V
RX
TX
SX
PCA9600
send
300 Ω
5 V
2 meter
cable
5 V
300 Ω
GND
receive
Figure 23. Transients generated by the bus wiring
Question: We have 2 meters of cable in a bus that joins the TX/RX sides of two
PCA9600 devices. When one TX drives LOW the other PCA9600 TX/RX is driven to
-0.8 V for over 50 ns. What is the expected value and the theoretically allowed value
of undershoot?
Answer: Because the cable joining the two PCA9600s is a ‘transmission line’ that
will have a characteristic impedance around 100 Ω and it will be terminated by pull-
up resistors that are larger than that characteristic impedance there will always be
negative undershoot generated. The duration of the undershoot is a function of the
cable length and the input impedance of the connected IC. As shown in Figure 24, the
transient undershoot will be limited, by the diodes inside PCA9600, to around -0.8 V
and that will not cause problems for PCA9600. Those transients will
not be passed
inside the IC to the SX/SY side of the IC.
PCA9600
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6.1 — 20 December 2021
20 / 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com