Electronic Components Datasheet Search
  English  ▼

X  

SM8230AS Datasheet(PDF) 4 Page - NEC

Part # SM8230AS
Description  Tone Dialer with Built-in Piezo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 4 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —4
AC Characteristics
VDD = 2.6 to 3.3V, VSS = 0V, Ta = −20 to 70°C
System clock input timing
Serial data transfer timing
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Tone output frequency error
∆f
fCLK = 3.84MHz,
no deviation
–
–
0.37
%
Tone distortion1
1. Ta =
−10 to 70°C, THD + N (10Hz to 500kHz), no load
DIS
BZH/BZL
–
5
10
%
CLK cycle time
tCLK
CLK input waveform
250
–
–
ns
CLK LOW-level pulsewidth
tCLKL
100
–
–
ns
CLK HIGH-level pulsewidth
tCLKH
100
–
–
ns
OE setup time
tSUOE
Between OE and SCL
100
–
–
ns
OE hold time
tHDOE
100
–
–
ns
SCL cycle time
tSCL
SCL input waveform
1––
µs
SCL LOW-level pulsewidth
tSCLL
400
–
–
ns
SCL HIGH-level pulsewidth
tSCLH
400
–
–
ns
Input data setup time
tSUD
Between SD and SCL
100
–
–
ns
Input data hold time
tHDD
100
–
–
ns
CLK
tCLKL
tCLKH
tCLK
DATA(b0)
OE
SCL
SD
tHDOE
tSCLL
tSCLH
tSUD
tHDD
tSCL
tSUOE
DATA(b15)
DATA(b14)
12
16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com