Electronic Components Datasheet Search
  English  ▼

X  

SM8230AS Datasheet(PDF) 7 Page - NEC

Part # SM8230AS
Description  Tone Dialer with Built-in Piezo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 7 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —7
GH/GL command (GH3 to GH0, GL3 to GL0)
These bits set the output levels of the high-frequency group and low-frequency group outputs, respectively. The
input code and the corresponding output level are shown in table 4. Note that the 0dB point is typically 93% of
the supply voltage. Any value above 0dB results in amplitude clipping of the output waveform.
Table 4. GH/GL command
GH3/GL3
GH2/GL2
GH1/GL1
GH0/GL0
Output level
0000
−9dB
0001
−8dB
0010
−7dB
0011
−6dB
0100
−5dB
0101
−4dB
0110
−3dB
0111
−2dB
1000
−1dB
1001
0dB
1010
1dB
1011
2dB
1100
3dB
1101
4dB
1110
5dB
1111
6dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com