Electronic Components Datasheet Search
  English  ▼

X  

SM8230AS Datasheet(PDF) 6 Page - NEC

Part # SM8230AS
Description  Tone Dialer with Built-in Piezo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 6 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —6
Transfer Command Specifications
The transfer data code format is shown in figure 3. Data is transferred with the MSB as the leading bit. The data
sets the input clock, high-frequency group and low-frequency group frequencies, and the output levels. The
commands are shown in tables 1 to 4.
CK command (CK1, CK0)
These bits set the frequency of the input clock on CLK. The frequency can be set to 1
×, 2×, 4×, and 8× multi-
ples of 480kHz. The input code and the corresponding clock frequency are shown in table 1.
FH/FL command (HF1, FH0/FL1, FL0)
These bits set the DTMF signal high-frequency and low-frequency group frequencies, respectively.The input
code, the corresponding group frequency specification, the design value and frequency deviation are shown in
tables 2 and 3. Note that the design value and frequency deviation are calculated values assuming a deviation-
free system clock input on CLK.
Figure 3. Transfer command format
Table 1. CK command
CK1
CK0
CLK input clock frequency
0
0
480kHz
0
1
960kHz
1
0
1.92MHz
1
1
3.84MHz
Table 2. FH command
FH1
FH0
DTMF frequency [Hz]
Design value [Hz]
Deviation [%]
0
0
1209
1212.1
+0.26
0
1
1336
1333.3
−0.20
1
0
1477
1481.5
+0.30
1
1
1633
1632.7
−0.02
Table 3. FL command
FH1
FH0
DTMF frequency [Hz]
Design value [Hz]
Deviation [%]
0
0
697
697.7
+0.10
0
1
770
769.2
−0.10
1
0
852
851.1
−0.11
1
1
941
937.5
−0.37
0
0
CK1 CK0 FH1 FH0 GH3 GH2 GH1 GH0 FL1 FL0 GL3 GL2 GL1 GL0
Low group output level set.
Low group frequency set.
High group output level set.
High group frequency set.
CLK pin input frequency set.
b15 (MSB)
b0 (LSB)
Set (b14, b15) = (0, 0)
for normal operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com