Electronic Components Datasheet Search
  English  ▼

X  

SM8230AS Datasheet(PDF) 5 Page - NEC

Part # SM8230AS
Description  Tone Dialer with Built-in Piezo Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SM8230AS Datasheet(HTML) 5 Page - NEC

  SM8230AS Datasheet HTML 1Page - NEC SM8230AS Datasheet HTML 2Page - NEC SM8230AS Datasheet HTML 3Page - NEC SM8230AS Datasheet HTML 4Page - NEC SM8230AS Datasheet HTML 5Page - NEC SM8230AS Datasheet HTML 6Page - NEC SM8230AS Datasheet HTML 7Page - NEC SM8230AS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM8230A
SEIKO NPC CORPORATION —5
FUNCTIONAL DESCRIPTION
Serial Interface
Data is transferred in 16-bit units by writing commands over a 3-line serial interface comprising OE (output
enable), SCL (serial clock) and SD (serial data input). Note that data transfer is unidirectional; no data is output
from the SM8230A. The operating sequence is described below.
Command transfer
Data can be transferred when OE goes LOW. Data is transferred in 16-bit units in sync with the rising edge of
the SCL clock.
Note that when OE is LOW and both SD and SCL are tied LOW, the current consumption is less than 1µA
(standby mode).
The internal states are undefined when power is first applied.
DTMF analog signal output
Data transfer stops and DTMF analog signal output starts when OE goes HIGH, as shown in figure 2.
Figure 1. Serial interface connection example
Figure 2. Serial data transfer timing
(Clock)
Port
Serial Clock
Serial Data
CPU
CLK
OE
SCL
SD
BZH
BZL
R
Piezo Buzzer
SM8230
SCL
SD
BZL
12
345
678
9
10
11
12
13
14
15
16
MSB
LSB
BZH
OE
0
0
CK1 CK0 FH1 FH0 GH3 GH2 GH1 GH0 FL1 FL0 GL3 GL2 GL1 GL0
Piezo buzzer
output
Serial data transmission
Low frequency
group output
High frequency
group output
b15 b14 b13 b12 b11 b10 b9
b8
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com