Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8301
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 5 Page - Analog Devices

  LT8301 Datasheet HTML 1Page - Analog Devices LT8301 Datasheet HTML 2Page - Analog Devices LT8301 Datasheet HTML 3Page - Analog Devices LT8301 Datasheet HTML 4Page - Analog Devices LT8301 Datasheet HTML 5Page - Analog Devices LT8301 Datasheet HTML 6Page - Analog Devices LT8301 Datasheet HTML 7Page - Analog Devices LT8301 Datasheet HTML 8Page - Analog Devices LT8301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LT3757/LT3757A
5
Rev. G
For more information www.analog.com
TEMPERATURE (°C)
–75 –50
1580
1585
1590
1605
1600
0
50 75
1595
–25
25
100
150
125
3757 G01
VIN = 40V
VIN = 24V
VIN = 8V
VIN = INTVCC = 2.9V
SHDN/UVLO = 1.33V
TEMPERATURE (°C)
–802
–800
–798
–788
–790
–792
–794
–804
–796
3757 G02
–75 –50
0
50 75
–25
25
100
150
125
VIN = 40V
VIN = 24V
VIN = 8V
VIN = INTVCC = 2.9V
SHDN/UVLO = 1.33V
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
SENSE Current Limit Threshold
vs Temperature
SENSE Current Limit Threshold
vs Duty Cycle
Dynamic Quiescent Current
vs Switching Frequency
RT vs Switching Frequency
Normalized Switching Frequency
vs FBX
Positive Feedback Voltage
vs Temperature, VIN
Negative Feedback Voltage
vs Temperature, VIN
Quiescent Current
vs Temperature, VIN
TA = 25°C, unless otherwise noted.
FBX VOLTAGE (V)
–0.8
0
20
40
60
80
120
–0.4
0
0.4
0.8
3757 G06
1.2
1.6
100
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
100
105
110
115
120
3757 G08
DUTY CYCLE (%)
0
95
105
20
40
80
60
115
100
110
100
3757 G09
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
1.4
1.6
1.8
1.5
1.7
3757 G03
VIN = 40V
VIN = 24V
VIN = INTVCC = 2.9V
SWITCHING FREQUENCY (KHz)
0
0
15
20
35
300
500 600 700
10
5
25
30
100 200
400
900
800
1000
3757 G04
CL = 3300pF
SWITCHING FREQUENCY (KHz)
0
10
100
1000
300
500 600 700
100 200
400
900
800
1000
3757 G05
–75 –50
0
50 75
–25
25
100
150
125
TEMPERATURE (°C)
270
280
290
300
310
330
3757 G07
320
RT = 41.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com