Electronic Components Datasheet Search
  English  ▼

X  

LT8301 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8301
Description  Boost, Flyback, SEPIC and Inverting Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8301 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8301 Datasheet HTML 26Page - Analog Devices LT8301 Datasheet HTML 27Page - Analog Devices LT8301 Datasheet HTML 28Page - Analog Devices LT8301 Datasheet HTML 29Page - Analog Devices LT8301 Datasheet HTML 30Page - Analog Devices LT8301 Datasheet HTML 31Page - Analog Devices LT8301 Datasheet HTML 32Page - Analog Devices LT8301 Datasheet HTML 33Page - Analog Devices LT8301 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LT3757/LT3757A
30
Rev. G
For more information www.analog.com
TYPICAL APPLICATIONS
9V to 22V Input, 24V/5A Output Boost Converter
Efficiency vs Output Current
Load Step Response at VIN = 12V
SENSE
LT3757A
VIN
VIN
9V TO 22V
CIN
22µF
25V
X5R
CVCC
4.7µF
10V
X5R
VOUT
24V
5A
RS
0.005
1.5W
M1
RT
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
R3
422k
R4
75k
CSS
0.1µF
CC2
100pF
RC
28k
CC1
3.3nF
L1
4.7µH
D1
3757A TA05a
R2
280k
1%
R1
20.0k
1%
COUT1
82µF
35V
COUT2
10µF
50V
X5R
X3
+
COUT1: PANASONIC 35SVPF82M
D1: DIODES PDS1045-13
L1: COILCRAFT SER2915L-472
M1: INFINEON BSC0901NSI
OUTPUT CURRENT (A)
0.01
0.1
1
10
20
10
0
30
40
50
60
70
80
90
100
3757 TA05b
VIN=22V
VIN=12V
VIN=9V
500µs/DIV
VOUT
500mV/DIV
(AC)
4A
1A
3757 TA05c
IOUT
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com