Electronic Components Datasheet Search
  English  ▼

X  

ETA4054 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4054
Description  16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4054 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA4054 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ETA4054
www.etasolution.com
2
Powering Minds of the Smart
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
STAT
GND
BAT
ISET
VIN
1
5
4
2
3
ETA4054
(Note: Exceeding these limits may damage the device. Exposure to absolute
maximum rating conditions for long periods may affect device reliability.)
VIN Voltage ........................................................–0.3V to 20V
BAT Voltage ........................................................–0.3V to 16V
All other pin Voltage………...……………….……...-0.3V to 6V
Operating Temperature Range ……………...…–40°C to 85°C
Storage Temperature Range ……...………….–55°C to 150°C
Thermal Resistance
θJA
θJC
SOT23-5 ……………….…….190…………50................. °C/W
Lead Temperature (Soldering, 10sec) ……………….….260°C
ESD HBM (Human Body Mode) ………………..….……….2KV
ESD MM (Machine Mode) ……………………………...….200V
ELECTRICAL CHARACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Supply Voltage
4.25
16
V
Input Over-Voltage Protection
Voltage
7
V
Input Voltage Range for Charging
4.25
6
V
Input Supply Current
Charge Mode (Note 1)
300
2000
μA
Standby Mode
(Charge Terminated)
60
100
μA
Shutdown Mode (ISET Not
Connected, VIN<VBAT, or
VIN<VULO)
25
50
μA
Regulated Output (Float) Voltage
IBAT = 40mA
4.158
4.2
4.242
V
BAT Pin Current
Rset = 10K, Current Mode
90
100
110
mA
Rset = 2K, Current Mode
432
480
528
mA
Rset = 1K, Current Mode
820
920
1020
mA
Standby Mode, VBAT = 4.2V
0
-2
-3
μA
Shutdown Mode, ISET Not
Connected
0.25
0.35
μA
Sleep Mode, VIN = 0V
0.25
0.35
μA
Trickle Charge Current
VBAT < VTRIKL, Rset = 2K
20
50
100
mA
Trickle Charge Threshold Voltage
VBAT Rising
2.75
2.93
3.09
V
Trickle Charge Hysteresis Voltage
100
130
165
mV
VIN Undervoltage Lockout
Threshold
From VIN Low to High
3.05
3.35
3.60
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com