Electronic Components Datasheet Search
  English  ▼

X  

ETA4054 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4054
Description  16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4054 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA4054 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ETA4054
www.etasolution.com
4
Powering Minds of the Smart
PIN DESCRIPTION
SOT23-5
PIN #
NAME DESCRIPTION
1
STAT Open-Drain Charge Status Output. The STAT pin outputs low when the battery is charging.
Upon the completion of the charge cycle, it becomes high-impendence.
2
GND
Ground.
3
BAT
Charge Current Output. This pin provides charge current to the battery and regulates the
final float voltage to 4.2V which is set by an internal precision resistor divider.
4
VIN
Positive Input Supply. Needs to be bypassed with at least a 1μF capacitor.
5
ISET
Program, Monitor the charge current and Shutdown. This pin set to 1V in constant-current
mode. The charge current is programmed by connecting a 1% resistor (Rset), between
ISET, to GND pin. The charge current can be calculated using the following formula:
IBAT=
1
Rset
×1000-(
1
3.6 ×
1
Rset
×1000)
2
The ISET pin can also be used to switch the charger to shutdown mode by disconnecting
the program resistor from ground.
FUNCTIONAL DESCRIPTIONS
The ETA4054 is a single cell, fully integrated constant current (CC)/constant voltage (CV) Li-ion battery charger. It can
deliver up to 1A of charge current with a final float voltage accuracy of 1%. The ETA4054 has a build-in thermal
regulation circuitry that ensures its safe operation. No blocking diode or external current sense resistor is required;
hence reduce the external components for a basic charger circuit to two. The ETA4054 is also capable of operating
from a USB power source.
Normal Charge Cycle
The ETA4054 initiates a charge cycle once the voltage at the VIN pin rises above the UVLO threshold level. A 1%
precision resistor needs to be connected from the ISET pin to ground. If the voltage at the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the charge current is reduced to nearly 1/10 the programmed
value until the battery voltage is raised to a safe level for full current charging.
The charger switches to constant-current mode as the BAT pin voltage rises above 2.9V, the charge current is thus
resumed to full programmed value. When the final float voltage (4.2V) is reached, the ETA4054 enters constant-voltage
mode and the charge current begins to decrease until it drops to 1/10 of the preset value and ends the charge cycle.
Programming Charge Current
The charge current is programmable by setting the value of a precision resistor connected from the ISET pin to ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com