Electronic Components Datasheet Search
  English  ▼

X  

ETA4054 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4054
Description  16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4054 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA4054 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ETA4054
www.etasolution.com
3
Powering Minds of the Smart
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VIN Undervoltage Lockout
Hysteresis
0.4
0.55
0.65
V
Manual Shutdown Threshold
Voltage
ISET Pin Rising
1.10
1.20
1.30
V
ISET Pin Falling
0.8
1
1.13
V
VIN–VBAT Lockout Threshold
Voltage
VIN from Low to High
70
100
140
mV
VIN from High to Low
10
30
mV
C/10 Termination Current
Threshold
Note 2
0.085
0.1
0.115 mA/mA
ISET Pin Voltage
Current Mode, VBAT=4V
0.93
1
1.07
V
STAT/STDBY Pin Weak Pull-Down
Current
V_STAT = 5V
1
μA
STAT/STDBY Pin Output Low
Voltage
I_STAT or I_STDBY= 5mA
0.35
0.6
V
Recharge BAT Threshold Voltage
VFLOAT - VRECHRG
90
120
150
mV
Junction Temperature in Constant
Temperature Mode
120
°C
Power FET “ON” Resistance
(Between VCC and BAT)
0.5
ohm
Soft-Start Time
IBAT = 0 to IBAT
100
μs
Termination Comparator Filter
Time
IBAT Falling Below ICHG/10
400
1000
2500
μs
ISET Pin Pull-Up Current
1
μA
Note 1: Supply current includes ISET pin current (approximately 100μA) but does not include any current delivered
to the battery through the BAT pin (approximately 100mA).
Note 2: ITERM is expressed as a fraction of measured full charge current with indicated ISET resistor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com