Electronic Components Datasheet Search
  English  ▼

X  

ETA4054 Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA4054
Description  16V/1A Fully Integrated Linear Charger for 1 Cell Li-ion Battery
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA4054 Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

  ETA4054 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA4054 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ETA4054
www.etasolution.com
6
Powering Minds of the Smart
protect against reverse current in the power MOSFET, the UVLO circuit keeps the charger in shutdown mode if VIN
falls to within 30mV of the battery voltage. If the UVLO comparator is tripped, the charger will not come out of shutdown
mode until VIN rises 100mV above the battery voltage.
Manual Shutdown
Floating the ISET pin by removing the resistor from ISET pin to ground can put the device in shutdown mode. The
battery drain current is thus reduced to <5μA and the supply current to <50μA. Reconnecting the resistor back will
restart a new charge cycle. Once manually shutdown, the ISET pin is in a high impedance state.
Automatic Recharge
After the termination of the charge cycle, the ETA4054 constantly monitors the BAT pin voltage and starts a new charge
cycle when the battery voltage falls below 4.05V, keeping the battery at fully charged condition. ISET pin output enters
a strong pull-down state during recharge cycles.
PACKAGE OUTLINE
Package: SOT23-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com