Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA151_V01 Datasheet HTML 17Page - Texas Instruments INA151_V01 Datasheet HTML 18Page - Texas Instruments INA151_V01 Datasheet HTML 19Page - Texas Instruments INA151_V01 Datasheet HTML 20Page - Texas Instruments INA151_V01 Datasheet HTML 21Page - Texas Instruments INA151_V01 Datasheet HTML 22Page - Texas Instruments INA151_V01 Datasheet HTML 23Page - Texas Instruments INA151_V01 Datasheet HTML 24Page - Texas Instruments INA151_V01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Time ( s)
-10
0
10
20
30
40
50
60
70
-0.6
-3
-0.4
-2
-0.2
-1
0
0
0.2
1
0.4
2
0.6
3
0.8
4
1
5
1.2
6
Output
Enable
Figure 7-7. INA151 Enable/Disable Time
The EN pin is referenced to DGND. If left floating, the EN pin is internally pulled up to enable the device. For use
cases that require default disable mode use a pull-down resistor of maximum 150kΩ.
If externally controlled, the EN pin must be supplied with a voltage between DGND + 2V and DGND + 5V.
Due to internal clamping mechanism the DGND pin must be connected to valid operating ranges. Figure 7-8
depicts DGND ranges showing DGND valid ranges for three different power supply configuration use cases. If
the device is supplied with a dual power supply of ±10V, use case 1, DGND pin can to be connected between
−10V and 0V. If the device is supplied with a dual power supply of ±5V, use case 2, DGND pin can to be
connected between −5V and 2.3V. For single supply condition of +5V, DGND valid range is between 0V and
2.3V.
2.3V
10V
DGND Valid Ranges
5V
0V
Figure 7-8. INA151 DGND Valid Ranges
If the enable function is not used, connect a 47pF capacitor on EN to DGND.
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com