Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA151_V01 Datasheet HTML 5Page - Texas Instruments INA151_V01 Datasheet HTML 6Page - Texas Instruments INA151_V01 Datasheet HTML 7Page - Texas Instruments INA151_V01 Datasheet HTML 8Page - Texas Instruments INA151_V01 Datasheet HTML 9Page - Texas Instruments INA151_V01 Datasheet HTML 10Page - Texas Instruments INA151_V01 Datasheet HTML 11Page - Texas Instruments INA151_V01 Datasheet HTML 12Page - Texas Instruments INA151_V01 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
N=9512
Mean=0.021μV/V
Std.
Dev.=0.095μV
Figure 6-5. Typical Distribution CMRR (G=1)
N=9730
Mean=0.0015μV/V
Std. Dev. =
0.082μV/V
Figure 6-6. Typical Distribution CMRR (G=2/3)
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
N=7337
Mean=0.0005μV/V
Std.
Dev.=0.083μ
V/V
Figure 6-7. Typical Distribution CMRR (G=1/2)
Common-Mode Rejection Ratio ( V/V)
0
5
10
15
20
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
N=7550
Mean=−0.033μV/V
Std.
Dev.=0.104μ
V/V
Figure 6-8. Typical Distribution CMRR (G=1/4)
Gain Error (%)
0
10
20
30
-0.025
-0.0125
0
0.0125
0.025
N=9512
Mean=-0.0043%
Std. Dev.
=0.0027%
Figure 6-9. Typical Distribution of Gain Error (G=1)
Gain Error (%)
0
10
20
30
-0.025
-0.0125
0
0.0125
0.025
N=9730
Mean=-0.0044%
Std. Dev. =
0.0028%
Figure 6-10. Typical Distribution of Gain Error (G=2/3)
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com