Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA151_V01 Datasheet HTML 9Page - Texas Instruments INA151_V01 Datasheet HTML 10Page - Texas Instruments INA151_V01 Datasheet HTML 11Page - Texas Instruments INA151_V01 Datasheet HTML 12Page - Texas Instruments INA151_V01 Datasheet HTML 13Page - Texas Instruments INA151_V01 Datasheet HTML 14Page - Texas Instruments INA151_V01 Datasheet HTML 15Page - Texas Instruments INA151_V01 Datasheet HTML 16Page - Texas Instruments INA151_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Frequency (Hz)
-80
-60
-40
-20
0
20
100
1k
10k
100k
1M
10M
VS = 5V
Capacitive load = 100pF
G = 1 V/V
G = 2/3 V/V
G = 1/2 V/V
G = 1/4 V/V
.
Figure 6-29. Closed Loop Gain vs Frequency
Frequency (Hz)
200
200
300
400
500
600
700
800
900
1000
100m
1
10
100
1k
10k
100k
G = 1 V/V
G = 2/3 V/V
G = 1/2 V/V
G = 1/4 V/V
Figure 6-30. Input Referred Voltage Noise Spectral Density
Frequency (Hz)
0.5
1
2
5
10
20
50
100
200
500
1000
100
1k
10k
100k
1M
10M
G = 1 V/V
G = 2/3 V/V
G = 1/2 V/V
G = 1/4 V/V
Figure 6-31. Output Impedance vs Frequency
Time (1 s/div)
G = 1 V/V
Figure 6-32. Input Referred 0.1Hz to 10Hz Voltage Noise in Time
Domain, G=1V/V
Time (1 s/div)
G = 2/3 V/V
Figure 6-33. Input Referred 0.1Hz to 10Hz Voltage Noise in Time
Domain, G=2/3V/V
Time (1 s/div)
G = 1/2 V/V
Figure 6-34. Input Referred 0.1Hz to 10Hz Voltage Noise in Time
Domain, G=1/2V/V
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com