Electronic Components Datasheet Search
  English  ▼

X  

INA151 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA151
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA151_V01 Datasheet HTML 28Page - Texas Instruments INA151_V01 Datasheet HTML 29Page - Texas Instruments INA151_V01 Datasheet HTML 30Page - Texas Instruments INA151_V01 Datasheet HTML 31Page - Texas Instruments INA151_V01 Datasheet HTML 32Page - Texas Instruments INA151_V01 Datasheet HTML 33Page - Texas Instruments INA151_V01 Datasheet HTML 34Page - Texas Instruments INA151_V01 Datasheet HTML 35Page - Texas Instruments INA151_V01 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2026) to Revision C (April 2026)
Page
• Changed Offset voltage from ±780μV to ±900μV in Features............................................................................1
• Added "common-mode" to paragraph "... and input impedance.." in Description.............................................. 1
• Change Enable logic input voltage on EN pin from min. VDGND+0.3V to VDGND...........................................4
• Add VDGND-VS/2 to Test Conditions.................................................................................................................6
• Add line for differential-mode voltage with test condition of G=1/4 and TA=-40C to 125C.................................6
• Change typical value of Enable input current from 1.3uA to 1.9uA....................................................................6
• Changed internal node name where pull-up resistors of EN pin is connected from VS+ to VSub................... 17
• Changed from "VREF must stay at or below GND... for linear operating." to "Keep VREF at or below GND
(down to negative supply, thus −5V) for linear operating including temperature and process variation." ....... 20
• Changed from "VREF must stay at or below 2V... for linear operating." to "Keep VREF at or below 2V (down to
negative supply, thus −5V) for linear operating including temperature and process variation." ...................... 20
• Changed Y-axis unit in Fig 7-6 from (V) to (μV)................................................................................................20
• Changed of 450μA to 430μA on the VS+ pin and −460μA on the VS− pin......................................................20
• Changed of 300μA to ±300μA.......................................................................................................................... 20
• Added pull-up resistor R1 in Fig 8-2.................................................................................................................23
• Added section "Output Pullup Resistor in Multiplexer Configuration" with guidance on how to select R1....... 27
• Added paragraph to Layout Guidelines "To minimize measurement errors, limit external series resistance (R1,
R2) to 10Ω or less. Higher resistance values cause higher voltage drop and can reduce measurement
accuracy."......................................................................................................................................................... 29
Changes from Revision A (February 2026) to Revision B (March 2026)
Page
• Changed the device status from Advanced to Production data..........................................................................1
Changes from Revision * (January 2026) to Revision A (February 2026)
Page
• Change HBM value from 2kV to TBD in the ESD Ratings ................................................................................ 4
• Change CBM value from 1kV to TBD in the ESD Ratings ................................................................................ 4
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com