Electronic Components Datasheet Search
  English  ▼

X  

XC6193 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6193
Description  Push Button Smart Load Switch with 140mΩ internal high-side switch and external Pch MOSFET control pin(GATE pin).
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6193 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6193 Datasheet HTML 5Page - Torex Semiconductor XC6193 Datasheet HTML 6Page - Torex Semiconductor XC6193 Datasheet HTML 7Page - Torex Semiconductor XC6193 Datasheet HTML 8Page - Torex Semiconductor XC6193 Datasheet HTML 9Page - Torex Semiconductor XC6193 Datasheet HTML 10Page - Torex Semiconductor XC6193 Datasheet HTML 11Page - Torex Semiconductor XC6193 Datasheet HTML 12Page - Torex Semiconductor XC6193 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/28
XC6193
Series
■
TYPICAL APPLICATION CIRCUIT
·
Example of R2’s value selection
(1) Consideration of voltage drop due to the GATE pin leakage current at turn-off states.
1) GATE pin Leak Current = 0.1μA (MAX.)
2) Cut-off threshold of the Q1 (VGS_cut of) = 0.3 V. (Please check the actual Q1’s data-sheet.)
R2 x 0.1μA < VGS_cut off
R2 < 3MΩ
(2) Consideration of VGS of the Q1 at turn-on states.
1) GATE pin On Resistor2 (RGATE2) = 300Ω (MAX.)
2) Turn-on threshold of the Q1 (VGS) = -1.5V (VG = VIN + VGS = 0.3V), (Please check the actual Q1’s data-sheet.)
3) VIN =1.8V
R2 > (VIN – VG) / VG x RGATE2
R2 > 1.5kΩ
③
Consideration of current flowing between R2 and Vss at turn-on states.
1) GATE pin On Resistor1 (RGATE1) = 95Ω (MIN.)
2) The current flowing through to R2 = IR2.
IR2 = VIN / (R2 + RGATE1)
【Typical Examples】
VALUE
MANUFACTURER
PRODUCT NUMBER
SBD(*1)
VF = 0.37V
Panjit
RB751S40
CIN
0.1
μF / 10V (Ceramic)
CL
0.1
μF / 10V (Ceramic)
C1
Set it as necessary.
( Example: 0.1
μF~ 1μF)
R1
200k
Ω
R2
1.5kΩ~ 3MΩ-
R3
5k
Ω
R4
47k
Ω
Q1
Rds=112m
Ω@VGS=-1.8V
ON Semiconductor
FDZ375P
(*1) Please select freely according to the threshold of the MCU's I/O.
VIN
SW
VSS
GATE
SHDN
PMIC or LDO
or
DC/DC
EN
VDD
XC6193
VOUT
VIN
MCU
Other
Battery
CL=0.1μF
VOUT
I/O
CIN=0.1μF
Push Button
R1
I/O
SBD
R2
Q1
R4
R3
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com