Electronic Components Datasheet Search
  English  ▼

X  

XC6193 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6193
Description  Push Button Smart Load Switch with 140mΩ internal high-side switch and external Pch MOSFET control pin(GATE pin).
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6193 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6193 Datasheet HTML 9Page - Torex Semiconductor XC6193 Datasheet HTML 10Page - Torex Semiconductor XC6193 Datasheet HTML 11Page - Torex Semiconductor XC6193 Datasheet HTML 12Page - Torex Semiconductor XC6193 Datasheet HTML 13Page - Torex Semiconductor XC6193 Datasheet HTML 14Page - Torex Semiconductor XC6193 Datasheet HTML 15Page - Torex Semiconductor XC6193 Datasheet HTML 16Page - Torex Semiconductor XC6193 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
XC6193
Series
■OPERATIONAL EXPLANATION (Continued)
[Operation after Turn-On: Fig.6]
On the
A type, when “L” voltage is input into the SW pin for the duration tOND and VOUT is fixed at “H” voltage, and then “L”
voltage is input into the SW pin for the duration tOFFD, the Turn-Off sequence cannot be initiated.
To initiate the Turn-
Off sequence, “H” voltage must be input into the SW pin, and then “L” voltage must again be input for the
duration tOFFD.
The B type does not have a Turn-Off sequence by SW pin.
Fig.6 Operation after Turn-On
[Operation after Turn-Off: Fig.7]
On the A type, when “L” voltage is input into the SW pin for the duration tOFFD and VOUT is shut down, and then “L” voltage is
input into the SW pin for the duration tOND, the Turn-On sequence cannot be initiated.
To initiate the Turn-On sequence, “H” voltage must be input into the SW pin, and then “L” voltage must again be input for the
duration tOND.
The B type does not have a Turn-Off sequence by SW pin.
Fig.7 Operation after Turn-Off
tOND
SW Pin Voltage
VOUT Pin Voltage
GATE Pin Voltage
tOFFD
tOFFD
tOFFD
SW Pin Voltage
VOUT Pin Voltage
GATE Pin Voltage
tOND
tOND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com