Electronic Components Datasheet Search
  English  ▼

X  

XC6193 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6193
Description  Push Button Smart Load Switch with 140mΩ internal high-side switch and external Pch MOSFET control pin(GATE pin).
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6193 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6193 Datasheet HTML 20Page - Torex Semiconductor XC6193 Datasheet HTML 21Page - Torex Semiconductor XC6193 Datasheet HTML 22Page - Torex Semiconductor XC6193 Datasheet HTML 23Page - Torex Semiconductor XC6193 Datasheet HTML 24Page - Torex Semiconductor XC6193 Datasheet HTML 25Page - Torex Semiconductor XC6193 Datasheet HTML 26Page - Torex Semiconductor XC6193 Datasheet HTML 27Page - Torex Semiconductor XC6193 Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24/28
XC6193 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) SHDN pin "H" "L" Voltage vs. Ambient Temperature
(12) GATE pin Resistance vs. Ambient Temperature
(13) CL Discharge Current vs. Ambient Temperature
0.40
0.50
0.60
0.70
0.80
0.90
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
VSHDN "H" Voltage
VSHDN "L" Voltage
V
IN=1.8V
C
IN=0.1μF,CL=0.1μF
0.40
0.50
0.60
0.70
0.80
0.90
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
VSHDN "H" Voltage
VSHDN "L" Voltage
V
IN=3.0V
C
IN=0.1μF,CL=0.1μF
0.40
0.50
0.60
0.70
0.80
0.90
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
VSHDN "H" Voltage
VSHDN "L" Voltage
V
IN=6.0V
C
IN=0.1μF,CL=0.1μF
1.50
1.60
1.70
1.80
1.90
2.00
2.10
2.20
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
Turn-Off State,V
OUT=0.3V
C
IN=0.1μF,CL=0.1μF
120
140
160
180
200
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
VIN=1.8V
VIN=6.0V
Turn-On State,V
GATE=0.3V
C
IN=0.1μF,CL=0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com