Electronic Components Datasheet Search
  English  ▼

X  

XC6193 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6193
Description  Push Button Smart Load Switch with 140mΩ internal high-side switch and external Pch MOSFET control pin(GATE pin).
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6193 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6193 Datasheet HTML 15Page - Torex Semiconductor XC6193 Datasheet HTML 16Page - Torex Semiconductor XC6193 Datasheet HTML 17Page - Torex Semiconductor XC6193 Datasheet HTML 18Page - Torex Semiconductor XC6193 Datasheet HTML 19Page - Torex Semiconductor XC6193 Datasheet HTML 20Page - Torex Semiconductor XC6193 Datasheet HTML 21Page - Torex Semiconductor XC6193 Datasheet HTML 22Page - Torex Semiconductor XC6193 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19/28
XC6193
Series
(1) Standby Current vs. Input Voltage
(2) Standby Current vs. Ambient Temperature
(3) Quiecent Current vs. Input Voltage
(4) Quiecent Current vs. Ambient Temperature
(5) Operation Current vs. Input Voltage
(6) Operation Current vs. Ambient Temperature
0.00
0.20
0.40
0.60
0.80
1.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
XC6193 Series
Ta =-40℃
Ta =25℃
Ta =85℃
Turn-Off State,V
SW=VIN
C
IN=0.1μF,CL=0.1μF
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
Turn-Off State,V
SW=VIN
C
IN=0.1μF,CL=0.1μF
0.00
0.20
0.40
0.60
0.80
1.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
Turn-On State,V
SW=VIN
C
IN=0.1μF,CL=0.1μF
0.00
0.20
0.40
0.60
0.80
1.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
XC6193 Series
Ta =-40℃
Ta =25℃
Ta =85℃
Turn-On State,V
SW=VIN
C
IN=0.1μF,CL=0.1μF
20.00
30.00
40.00
50.00
60.00
70.00
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN[V]
XC6193 Series
Ta =-40℃
Ta =25℃
Ta =85℃
Turn-Off State,V
SW=0V
C
IN=0.1μF,CL=0.1μF
20.00
30.00
40.00
50.00
60.00
70.00
-50
-25
0
25
50
75
100
125
Ambient Temperature : Ta[℃]
XC6193 Series
Turn-Off State,V
SW=0V
C
IN=0.1μF,CL=0.1μF
■
TYPICAL PERFORMANCE CHARACTERISTICS
(3) Quiescent Current vs. Input Voltage
(4) Quiescent Current vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com