Electronic Components Datasheet Search
  English  ▼

X  

OC-3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OC-3
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OC-3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OC-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
2/10
Date: 2003/02/17
http:// www.ritekom.com
Operating Environment
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTE
Ambient Operating Temperature
(TS3-0155-32S-P1)
TAMB
0
70
°C
Ambient Operating Temperature
(TS3-0155-32S-P1-E)
TAMB
−40
85
°C
Supply Voltage
Vcc
3.1
3.5
V
Transmitter Electro-optical Characteristics
(Vcc = 3.1 V to 3.5 V, TS3-0155-32S-P1: TA = 0 °C to 70 °C, TS3-0155-32S-P1-E: TA = −40 °C to 85°C)
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNITS
NOTE
Data Rate
B
50
155
200
Mb/s
Output Optical Power
9/125
µm fiber
Pout
−15
---
−8
dBm
Average
Extinction Ratio
ER
8.2
---
---
dB
Center Wavelength
λC
1261
1310
1360
nm
Spectral Width (RMS)
∆
λ
---
---
4
nm
Rise/Fall Time (10
−90%)
Tr, f
---
1
2
ns
Output Eye
Compliant with Telcordia GR-253-CORE Issue 3 and ITU-T recommendation G-957
Power Supply Current
ICC
---
---
140
mA
Note 1
Data Input Current-Low
IIL
−350
---
---
µA
Data Input Current-High
IIH
---
---
350
µA
Transmitter Data Input Voltage-High
VIH − VCC
−1.1
---
−0.74
V
Note 2
Transmitter Data Input Voltage-Low
VIL − VCC
−2.0
---
−1.58
V
Note 2
Transmitter Data Input Differential
Voltage
VDIFF
0.3
---
1.6
V
Note 2
Note 1: Not including the terminations.
Note 2: These inputs are compatible with 10K, 10KH and 100K ECL and PECL input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com