Electronic Components Datasheet Search
  English  ▼

X  

OC-3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OC-3
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OC-3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OC-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
5/10
Date: 2003/02/17
http:// www.ritekom.com
Typical BER Performance of Receiver versus Input Optical Power Level
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
-2.5
-2
-1.5
-1
-0.5
0
0.5
Relative Input Optical Power (dB)
The figure shows the relationship between typical trade-off of BER and Relative Input Optical Power. Besides the
required BER =1
× 10−10 of the ATM Forum 155.52 Mbps Physical Layer Standard, The transceiver can be operated at
other Bit-Error-Rate conditions. The Relative Input Optical Power in dB is referenced to the actual sensitivity of the
device. For BER conditions better than 1
× 10−10, more input signal is needed (+dB).
Eye Diagram
Transmitter
Receiver
Signal pattern: PRBS 23
Signal pattern: PRBS 23
Input Power:
−35 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com