Electronic Components Datasheet Search
  English  ▼

X  

OC-3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OC-3
Description  1310 nm Single-mode Transceiver (S1.1) 1x9, SC Duplex Connector, 3.3 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OC-3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OC-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers OC-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1310 nm Single-mode Transceiver (S1.1)
1x9, SC Duplex Connector, 3.3 V
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Version 3.3
8/10
Date: 2003/02/17
http:// www.ritekom.com
Recommended Board Layout Hole Pattern
Unit : mm(inches)
This transceiver is compatible with industry standard wave or hand solder processes. After wash process, all moisture
must be completely remove from the module. The transceiver is supplied with a process plug to prevent contamination during
wave solder and aqueous rinse as well as during handling, shipping or storage.
Solder fluxes should be water-soluble, organic solder fluxes. Recommended cleaning and degreasing chemicals for
these transceivers are alcohol’s (methyl, isopropyl, isobutyl), aliphatics (hexane, heptane) and other chemicals, such as soap
solution or naphtha. Do not use partially halogenated hydrocarbons for cleaning/degreasing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com